Part Number Hot Search : 
F9Z34N VPM06 4920M 0040C TDSO5150 LTC4265 LTC1422 M0001000
Product Description
Full Text Search
 

To Download 15-91-0160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/03/2014 please check www.molex.com for latest part information part number: 15-91-0160 status: active overview: c-grid? products description: 2.54mm pitch c-grid? header, surface mount, dual row, vertical, 16 circuits, 0.38m gold (au) selective plating documents: 3d model product specification ps-71308 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 71308 application board-to-board, signal, wire-to-board overview c-grid? products product name c-grid? upc 800753690219 physical breakaway yes circuits (loaded) 16 circuits (maximum) 16 color - resin black durability (mating cycles max) 50 flammability 94v-0 glow-wire compliant no lock to mating part none material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic net weight 0.970/g number of rows 2 orientation vertical pcb locator no pcb retention none packaging type tube pitch - mating interface 2.54mm plating min - mating 0.381m plating min - termination 2.032m polarized to mating part no polarized to pcb no shrouded no stackable yes temperature range - operating -40c to +105c termination interface: style surface mount electrical current - maximum per contact 3a voltage - maximum 250v solder process data duration at max. process temperature (seconds) 5 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 71308 series
lead-free process capability reflow capable (smt only) max. cycles at max. process temperature 1 process temperature max. c 260 material info old part number 71308-0116 reference - drawing numbers product specification ps-71308, rps-71308-001 sales drawing sd-71308-001 this document was generated on 04/03/2014 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 15-91-0160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X